Part Number Hot Search : 
SN74LS TDA73 29LV004 CM196 LF514RU PLO74 R3003 VN0109N3
Product Description
Full Text Search
 

To Download 009178001033006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  61 ssl - discrete wire idc series 9177 the 917x series of surface mount insulation displacement connectors (idc) were developed to meet the harsh automotive and industrial market applications for connecting individual wires directly to a pcb ranging from 14 awg to 28 awg. this industry proven contact system has been tested to automotive levels of shock, vibration, and temperature cycling to prove their reliability and robustness. the simplicity of inserting a wire into the connector with a small tool allows a wide range of devices to be connected to the pcb without soldering. in ssl applications specifically, these connectors are used to bring power and signal onto the pcb or are used to daisy chain multiple boards together in a long string. while the idc contact provides a gas-tight connection to conductor of the wire, the housing has been designed to grab the insulation of the wire to provide a positive strain relief even in the harshest conditions. in case of repair, the wires can be removed and replace up to three times. the 9177 series accepts 14 awg to 20 awg wires with an insulation diameter ranging from 2.75mm to 4.25mm. these dual contact connectors support a 15 amp current rating with two large smt solder tails per wire to provide maximum stability on the pcb. available in 1p-3p configuration, these connectors can be end stackable for higher pin counts. electrical ? current rating: 15 amp / contact ? voltage rating: 600 vac 9177 series 00 prefix 00x number of ways 06 plating option 06 = pure tin all over how to order x insulator color 00x wire gauge size code color application 0 black industrial 1 white lighting environmental ? operating temperature: -40oc to +125oc mechanical ? insulator material: nylon 46: ul94v0 ? contact material: phosphor bronze ? plating: tin over nickel ? durability: 3 cycles features and benefits ? idc contact provides a gas-tight connection to the pcb for long term reliability ? connector housing captures the wire insulation for positive strain relief ? tested to automotive levels on shock, vibration and temperature cycling for reliability ? low and high volume assembly tools to match production volumes ? reduced total applied cost versus solder or crimp processes ? high temperature insulator capable to 260oc reflow soldering processes applications ? connecting discrete wire components directly to the pcb ? bringing power and signals onto a pcb ? daisy chaining pcb?s together to create a continuous string of boards ? application notes: refer to 201-01-124 code no of details ways 001 1 page 62 002 2 page 63 003 3 page 64 code accepted wire wire gauge insulation 001 14 awg ? 4.25 012 16 awg ? 3.50 022 18 awg ? 3.50 033 20 awg ? 2.75 certification: ul file #e320991
62 ssl - discrete wire idc series 9177 14-20 awg 1 way idc connector notes: 1. connector for idc wire to board connection. 2. contact material: phosphore bronze. insulation material: high temperature nylon 46. color refer to page 61. 3. connector designed to accept between 14 and 20 gauge stranded wire. 4. all dimensions for reference unless otherwise stated. 5. for full product specification refer to elco spec 201-01-109. 6. for pcb space restricted by assembly tooling refer to page 65. packing details reel qty 400 leader 500mm trailer 400mm reel/box 4 pack qty 1600 smt pcb layout pure tin pads code accepted a wire b wire gauge insulation 001 14 gauge stranded 1.10 ? 4.25 max 4.25 012 16 gauge stranded 0.82 ? 3.50 max 3.50 022 18 gauge stranded 0.72 ? 3.50 max 3.50 033 20 gauge stranded 0.60 ? 2.75 max 2.75
63 ssl - discrete wire idc series 9177 14-20 awg 2 way idc connector notes: 1. connector for idc wire to board connection. 2. contact material: phosphore bronze. insulation material: high temperature nylon 46. color refer to page 61. 3. connector designed to accept between 14 and 20 gauge stranded wire. 4. all dimensions for reference unless otherwise stated. 5. for full product specification refer to elco spec 201-01-109. 6. for pcb space restricted by assembly tooling refer to page 65. packing details reel qty 400 leader 500mm trailer 400mm reel/box 4 pack qty 1600 smt pcb layout pure tin pads code accepted a wire b wire gauge insulation 001 14 gauge stranded 1.10 ? 4.25 max 4.25 012 16 gauge stranded 0.82 ? 3.50 max 3.50 022 18 gauge stranded 0.72 ? 3.50 max 3.50 033 20 gauge stranded 0.60 ? 2.75 max 2.75
64 ssl - discrete wire idc series 9177 14-20 awg 3 way idc connector notes: 1. connector for idc wire to board connection. 2. contact material: phosphore bronze. insulation material: high temperature nylon 46. color refer to page 61. 3. connector designed to accept between 14 and 20 gauge stranded wire. 4. all dimensions for reference unless otherwise stated. 5. for full product specification refer to elco spec 201-01-109. 6. for pcb space restricted by assembly tooling refer to page 65. packing details reel qty 400 leader 500mm trailer 400mm reel/box 4 pack qty 1600 smt pcb layout pure tin pads code accepted a wire b wire gauge insulation 001 14 gauge stranded 1.10 ? 4.25 max 4.25 012 16 gauge stranded 0.82 ? 3.50 max 3.50 022 18 gauge stranded 0.72 ? 3.50 max 3.50 033 20 gauge stranded 0.60 ? 2.75 max 2.75
65 ssl - discrete wire idc series 9177 notes: 1. all dimensions for reference dimensions. 2. maximum component height 0.80mm in this area. 3. maximum component height 11.00 mm in this area. 4. the same restrictions apply to all wire insulation diameters. insertion tooling ? requires hand press with flat rock plates high production no. max tool of ways insulation dia part number (awg) 4.25 (14) 06 9177 7017 01 001 1 3.50 (16-18) 06 9177 7017 02 001 2.75 (20) 06 9177 7017 03 001 4.25 (14) 06 9177 7017 01 002 2 3.50 (16-18) 06 9177 7017 02 002 2.75 (20) 06 9177 7017 03 002 4.25 (14) 06 9177 7017 01 003 3 3.50 (16-18) 06 9177 7017 02 003 2.75 (20) 06 9177 7017 03 003 medium production plastic no. max tool of ways insulation dia part number (awg) 4.25 (14) 06 9177 7016 01 001 1 3.50 (16-18) 06 9177 7016 02 001 2.75 (20) 06 9177 7016 03 001 4.25 (14) 06 9177 7016 01 002 2 3.50 (16-18) 06 9177 7016 02 002 2.75 (20) 06 9177 7016 03 002 4.25 (14) 06 9177 7016 01 003 3 3.50 (16-18) 06 9177 7016 02 003 2.75 (20) 06 9177 7016 03 003 1 way 2 way 3 way insertion tooling ? pcb restricted areas for assembly tooling 1 way 2 way 3 way the assembly tooling restricts the available space/component heights on the pcb. for details see below.


▲Up To Search▲   

 
Price & Availability of 009178001033006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X